Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC08P Datasheet (PDF) - Toshiba Semiconductor

TC74AC08P Datasheet PDF - Toshiba Semiconductor
Part # TC74AC08P
Download  TC74AC08P Download
File Size   252.41 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74AC08P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC08P Datasheet PDF - Toshiba Semiconductor

Part # TC74AC08P
Download  TC74AC08P Click to download

File Size   252.41 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74AC08P Datasheet (HTML) - Toshiba Semiconductor


TC74AC08P Product details

Quad 2-Input AND Gate

The TC74AC08 is an advanced high speed CMOS 2-INPUT AND GATE fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 2 stages including buffer output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: tpd = 3.4 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 Ω transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Pin and function compatible with 74F08




Similar Part No. - TC74AC08P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC08P TOSHIBA-TC74AC08P Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08P TOSHIBA-TC74AC08P_12 Datasheet
227Kb / 8P
Quad 2-Input AND Gate
More results


Similar Description - TC74AC08P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET125F TOSHIBA-TC7SET125F Datasheet
176Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG00AFS TOSHIBA-TC7SG00AFS Datasheet
175Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11NLU TOSHIBA-TCS11NLU_14 Datasheet
199Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com