Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4033 Datasheet (PDF) - Monolithic Power Systems

MP4033 Datasheet PDF - Monolithic Power Systems
Part # MP4033
Download  MP4033 Download
File Size   1379.83 Kbytes
Page   25 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC

MP4033 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4033 Datasheet PDF - Monolithic Power Systems

Part # MP4033
Download  MP4033 Click to download

File Size   1379.83 Kbytes
Page   25 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC

MP4033 Datasheet (HTML) - Monolithic Power Systems


MP4033 Product details

DESCRIPTION
The MP4033 is a TRIAC-dimmable primary side–control, offline LED lighting controller with active PFC. It is also available for applications that requires analog dimming with PWM input. It outputs an accurate LED current for an isolated lighting application with a single-stage converter. The proprietary real-current–control method accurately controls the LED current using primary-side information.

FEATURES
• Primary-Side-Control without Requiring a Secondary-Side Feedback Circuit
• Adaptive Dimmer Type Detection and Phase-Cut-Based Dimming Control
• Good Dimmer Compatibility and Deep Dimming Range
• Analog Dimming with PWM Input
• Fast Start-Up without Perceptible Delay
• Programmable Current Fold-back to Prolong the LED lifetime (NTC)
• Color Temperature and Brightness Control for Warm Sunset Dimming application
• Accurate Line & Load Regulation
• High Power Factor
• Operates in Boundary Conduction Mode
• Cycle-by-Cycle Current Limit
• Winding Short Circuit Protection
• Output Over-Voltage Protection
• Output Short-Circuit Protection
• ZCD Pin Short-Circuit Protection
• Over-Temperature Protection
• Available in SOIC-8/MSOP-10/SOIC-14 Package

APPLICATIONS
• Solid-State Lighting up to 50W
• Industrial and Commercial Lighting
• Residential Lighting




Similar Part No. - MP4033

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4033GK MPS-MP4033GK Datasheet
616Kb / 14P
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
MP4033GK MPS-MP4033GK Datasheet
450Kb / 14P
108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
More results


Similar Description - MP4033

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
EV4031-S-00A MPS-EV4031-S-00A Datasheet
698Kb / 19P
108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com