Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW-34-B Datasheet (PDF) - OSRAM GmbH

BPW-34-B Datasheet PDF - OSRAM GmbH
Part # BPW-34-B
Download  BPW-34-B Download
File Size   244.99 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Especially suitable for applications from 350 nm to 1100 nm

BPW-34-B Datasheet (PDF)

Go To PDF Page Download Datasheet
BPW-34-B Datasheet PDF - OSRAM GmbH

Part # BPW-34-B
Download  BPW-34-B Click to download

File Size   244.99 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Especially suitable for applications from 350 nm to 1100 nm

BPW-34-B Datasheet (HTML) - OSRAM GmbH




Similar Part No. - BPW-34-B

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
BPW-34-B AMSOSRAM-BPW-34-B Datasheet
635Kb / 13P
Silicon PIN Photodiode with Enhanced Blue SensitivSensitivity;
2019-07-16
BPW-34-BS AMSOSRAM-BPW-34-BS Datasheet
890Kb / 16P
Silicon PIN Photodiode with Enhanced Blue Sensitivity;in SMT
Version 1.7 2018-06-21
More results


Similar Description - BPW-34-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBT-120-UV ETC2-CBT-120-UV Datasheet
1Mb / 8P
11 W of optical power from 370 nm to 392 nm
logo
AVAGO TECHNOLOGIES LIMI...
TO293BN-RXYZ AVAGO-TO293BN-RXYZ Datasheet
641Kb / 6P
1310 nm TO-Can Package for 10 Gb/s Applications
logo
Sensortechnics GmbH
50162901 SENSORTECHNICS-50162901 Datasheet
486Kb / 8P
RGB light detection from 350 to 900 nm
logo
OSRAM GmbH
BP103 OSRAM-BP103 Datasheet
226Kb / 7P
Especially suitable for applications from 420 nm to 1130 nm
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
SFH-2332 OSRAM-SFH-2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
logo
PHOENIX CONTACT
TSD-25-SAC PHOENIX-TSD-25-SAC Datasheet
48Kb / 3P
TSD ... SAC torque screwdrivers with a range of preset torques from 0.2 Nm to 2.5 Nm
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com