Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF01B00 Datasheet (PDF) - Monolithic Power Systems

HF01B00 Datasheet PDF - Monolithic Power Systems
Part # HF01B00
Download  HF01B00 Download
File Size   902.82 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Off Line High Voltage Quasi Resonant Regulator

HF01B00 Datasheet (PDF)

Go To PDF Page Download Datasheet
HF01B00 Datasheet PDF - Monolithic Power Systems

Part # HF01B00
Download  HF01B00 Click to download

File Size   902.82 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Off Line High Voltage Quasi Resonant Regulator

HF01B00 Datasheet (HTML) - Monolithic Power Systems


HF01B00 Product details

DESCRIPTION
The HF01B00/01/02/03/04 is a flyback regulator with Green Mode Operation. Its high efficiency feature over the entire input/load range meets the stringent world-wide energy-saving requirements.

FEATURES
• Internal Integrated 700V MOSFET
• High Level of Integration, Requires Very Few External Components
• Universal Input Voltage (85~265VAC)
• Quasi-Resonant Operation over the Entire Input and Load Range
• Maximum Switching Frequency Limited
• Valley Switching for High Efficiency and Better EMI Performance
• Active Burst Mode for Low Standby Power Consumption
• Internal High-Voltage Current Source for Start-Up
• Internal Soft Start
• Internal 320ns Leading Edge Blanking
• Thermal Shutdown (Auto Restart with Hysteresis)
• VCC Under Voltage Lockout with Hysteresis (UVLO)
• Over Voltage Protection
• Over Load Protection.
• No Load Consumption at 265Vac
    HF01B00<100mW
    HF01B01<80mW
    HF01B02/03<50mW
    HF01B04<30mW

APPLICATIONS
• Battery charger for consumer and home equipment.
• Standby power supply.
• Small power SMPS for white goods and consumer electronics.
• Low/Medium power AC/DC adapter.




Similar Part No. - HF01B00

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF015F-2018A-1DSTF HONGFA-HF015F-2018A-1DSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018A-1HSTF HONGFA-HF015F-2018A-1HSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018A-1ZSTF HONGFA-HF015F-2018A-1ZSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018D-1DSTF HONGFA-HF015F-2018D-1DSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018D-1HSTF HONGFA-HF015F-2018D-1HSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
More results


Similar Description - HF01B00

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com