Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8142 Datasheet (PDF) - Analog Devices

HMC8142 Datasheet PDF - Analog Devices
Part # HMC8142
Download  HMC8142 Download
File Size   318.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description E-Band Power Amplifier With Power Detector

HMC8142 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8142 Datasheet PDF - Analog Devices

Part # HMC8142
Download  HMC8142 Click to download

File Size   318.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description E-Band Power Amplifier With Power Detector

HMC8142 Datasheet (HTML) - Analog Devices


HMC8142 Product details

GENERAL DESCRIPTION
The HMC8142 is an integrated E-band gallium arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), monolithic microwave integrated circuit (MMIC), medium power amplifier with a temperature compensated on-chip power detector that operates from 81 GHz to 86 GHz. The HMC8142 provides 21 dB of gain, 25 dBm of output power at 1 dB compression, 29 dBm of output third-order intercept, and 26 dBm of saturated output power at 20% power added efficiency (PAE) from a 4 V power supply. The HMC8142 exhibits excellent linearity and is optimized for E-band communications and high capacity wireless backhaul radio systems. The amplifier configuration and high gain make it an excellent candidate for last stage signal amplification before the antenna. All data is taken with the chip in a 50 Ω test fixture connected via a 3 mil wide × 0. 5 mil thick × 7 mil long ribbon on each port.

FEATURES
   Gain: 21 dB typical
   Output power for 1 dB compression (P1dB): 25 dBm typical
   Saturated output power (PSAT): 26 dBm typical
   Output third-order intercept (OIP3): 29 dBm typical
   Input return loss: 12 dB typical
   Output return loss: 8 dB typical
   DC supply: 4 V at 450 mA
   No external matching required
   Die size: 3.039 mm × 1.999 mm × 0.05 mm

APPLICATIONS
   E-band communication systems
   High capacity wireless backhaul radio systems
   Test and measurement




Similar Part No. - HMC8142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC814 HITTITE-HMC814 Datasheet
243Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814 HITTITE-HMC814 Datasheet
414Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B Datasheet
219Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B Datasheet
417Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
logo
Analog Devices
HMC814LC3B AD-HMC814LC3B Datasheet
344Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY
More results


Similar Description - HMC8142

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
logo
Analog Devices
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
E-Band Power Amplifier With Power Detector
Feb-2016
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
Power Amplifier with Power Detector
Mar-2018
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
Amplifier with Power Detector
Mar-2018
HMC7447 AD-HMC7447 Datasheet
383Kb / 8P
E-BAND DETECTOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com