Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLB-300 Datasheet (PDF) - RF Micro Devices

NLB-300 Datasheet PDF - RF Micro Devices
Part # NLB-300
Download  NLB-300 Download
File Size   204.91 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz

NLB-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
NLB-300 Datasheet PDF - RF Micro Devices

Part # NLB-300
Download  NLB-300 Click to download

File Size   204.91 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz

NLB-300 Datasheet (HTML) - RF Micro Devices




Similar Part No. - NLB-300

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-300 RFMD-NLB-300 Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
1,017Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300-E RFMD-NLB-300-E Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300-E RFMD-NLB-300-E Datasheet
1,017Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300-T1 RFMD-NLB-300-T1 Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
More results


Similar Description - NLB-300

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310 RFMD-NLB-310 Datasheet
205Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com