Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN6301U Datasheet (PDF) - List of Unclassifed Manufacturers

THN6301U Datasheet PDF - List of Unclassifed Manufacturers
Part # THN6301U
Download  THN6301U Download
File Size   104.0 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description NPN Planer RF TRANSISTOR

THN6301U Datasheet (PDF)

Go To PDF Page Download Datasheet
THN6301U Datasheet PDF - List of Unclassifed Manufacturers

Part # THN6301U
Download  THN6301U Click to download

File Size   104.0 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description NPN Planer RF TRANSISTOR

THN6301U Datasheet (HTML) - List of Unclassifed Manufacturers


THN6301U Product details

[Tachyonics CO,. LTD]

□ Features
o Low Noise Figure
   NF = 1.1 dB Typ. @ f = 1 GHz, VCE = 8 V, IC = 5 mA
o High Power Gain
   MAG =18 dB Typ. @ f = 1 GHz, VCE = 8 V, IC =15 mA
o High Transition Frequency
   fT = 10 GHz Typ. @ VCE = 8 V, IC = 15 mA

□ Application
   LNA and wide band amplifier up to GHz range




Similar Part No. - THN6301U

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6301U TACHYONICS-THN6301U Datasheet
206Kb / 11P
NPN SiGe RF TRANSISTOR
logo
AUK corp
THN6301U AUK-THN6301U Datasheet
221Kb / 11P
SiGe NPN Transistor
More results


Similar Description - THN6301U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN121M PANASONIC-XN121M Datasheet
33Kb / 2P
NPN epitaxial planer transistor
XN4505 PANASONIC-XN4505 Datasheet
52Kb / 4P
NPN epitaxial planer transistor
XN4506 PANASONIC-XN4506 Datasheet
33Kb / 2P
NPN epitaxial planer transistor
XN4556 PANASONIC-XN4556 Datasheet
34Kb / 2P
NPN epitaxial planer transistor
logo
List of Unclassifed Man...
THN6301S ETC-THN6301S Datasheet
99Kb / 10P
NPN Planer RF TRANSISTOR
logo
Panasonic Semiconductor
XN01211 PANASONIC-XN01211 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer transistor
logo
List of Unclassifed Man...
THN3101Z ETC1-THN3101Z Datasheet
139Kb / 10P
NPN Planer RF TRANSISTOR
logo
Leshan Radio Company
L4501DW1T1 LRC-L4501DW1T1 Datasheet
165Kb / 3P
Silicon NPN Epitaxial Planer Transistor
logo
Tachyonics CO,. LTD
THN6201S TACHYONICS-THN6201S Datasheet
141Kb / 12P
NPN Planer RF TRANSISTOR
THN6501S TACHYONICS-THN6501S Datasheet
122Kb / 13P
NPN Planer RF TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com