Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3988 Datasheet (PDF) - Linear Technology

LT3988 Datasheet PDF - Linear Technology
Part # LT3988
Download  LT3988 Download
File Size   152.58 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 60V Step-Down Regulator

LT3988 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3988 Datasheet PDF - Linear Technology

Part # LT3988
Download  LT3988 Click to download

File Size   152.58 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 60V Step-Down Regulator

LT3988 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3988

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3980 LINER-LT3980 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3980 LINER-LT3980 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3980 LINER-LT3980 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
LT3980 LINER-LT3980 Datasheet
417Kb / 28P
40V, 5A, 2MHz Step-Down Switching Regulator with 3.3關A Quiescent Current
LT3980 LINER-LT3980 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results


Similar Description - LT3988

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
256Kb / 24P
Dual 36V, 700mA Step-Down Regulator
logo
Rohm
BD9610AMUV-E2 ROHM-BD9610AMUV-E2 Datasheet
1Mb / 30P
60V Synchronous Step-down Switching Regulator(Controller type)
logo
ON Semiconductor
NCV891130 ONSEMI-NCV891130 Datasheet
1Mb / 18P
Dual-Mode Step-Down Regulator
January, 2015 ??Rev. 1
NCV891330 ONSEMI-NCV891330 Datasheet
1Mb / 18P
Dual- Mode Step-Down Regulator
July, 2015 ??Rev. 2
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
60V Synchronous Step-down Switching Regulator (Controller Type)
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com