Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3992A Datasheet (PDF) - Linear Technology

LT3992A Datasheet PDF - Linear Technology
Part # LT3992A
Download  LT3992A Download
File Size   226.58 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic Dual Tracking 3A Step-Down Switching Regulator

LT3992A Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3992A Datasheet PDF - Linear Technology

Part # LT3992A
Download  LT3992A Click to download

File Size   226.58 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic Dual Tracking 3A Step-Down Switching Regulator

LT3992A Datasheet (HTML) - Linear Technology




Similar Part No. - LT3992A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results


Similar Description - LT3992A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com