Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4124 Datasheet (PDF) - Diodes Incorporated

MMDT4124 Datasheet PDF - Diodes Incorporated
Part # MMDT4124
Download  MMDT4124 Download
File Size   267.37 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V DUAL NPN SMALL SIGNAL TRANSISTOR

MMDT4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT4124 Datasheet PDF - Diodes Incorporated

Part # MMDT4124
Download  MMDT4124 Click to download

File Size   267.37 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V DUAL NPN SMALL SIGNAL TRANSISTOR

MMDT4124 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - MMDT4124

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT4124 DIODES-MMDT4124 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2 January 2009
MMDT4124-7-F DIODES-MMDT4124-7-F Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2 January 2009
MMDT4124 DIODES-MMDT4124_09 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2 January 2009
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
More results


Similar Description - MMDT4124

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS Datasheet
229Kb / 5P
Dual NPN Small Signal Transistor 300mW
BC846S MCC-BC846S Datasheet
343Kb / 4P
Dual NPN Small Signal Transistor 200mW
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
Dual NPN Small Signal Transistor 300mW
logo
Diodes Incorporated
MMBT4124 DIODES-MMBT4124_16 Datasheet
329Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 13
MMBT4126 DIODES-MMBT4126_16 Datasheet
345Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMDT2222V DIODES-MMDT2222V_16 Datasheet
588Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 5
MMDT4126 DIODES-MMDT4126_16 Datasheet
231Kb / 6P
25V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 11
MMST4124 DIODES-MMST4124_16 Datasheet
296Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 10
MMST4126 DIODES-MMST4126_16 Datasheet
360Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 9
logo
Yangzhou yangjie electr...
BC847BS YANGJIE-BC847BS Datasheet
617Kb / 5P
Dual NPN Small Signal Transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com