Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8640S Datasheet (PDF) - Linear Technology

LT8640S Datasheet PDF - Linear Technology
Part # LT8640S
Download  LT8640S Download
File Size   569.41 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 42V, 6A Micropower Synchronous Step-Down Silent Switcher 2

LT8640S Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8640S Datasheet PDF - Linear Technology

Part # LT8640S
Download  LT8640S Click to download

File Size   569.41 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 42V, 6A Micropower Synchronous Step-Down Silent Switcher 2

LT8640S Datasheet (HTML) - Linear Technology




Similar Part No. - LT8640S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8640S AD-LT8640S Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8640S AD-LT8640S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8640S AD-LT8640S Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8640S AD-LT8640S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LT8640S AD-LT8640S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
More results


Similar Description - LT8640S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8650SP AD-LT8650SP Datasheet
3Mb / 34P
Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com