Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7251 Datasheet (PDF) - OSRAM GmbH

SFH-7251 Datasheet PDF - OSRAM GmbH
Part # SFH-7251
Download  SFH-7251 Download
File Size   485.43 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Infrared Emitter (850 nm) and green GaP-LED (570 nm)

SFH-7251 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH-7251 Datasheet PDF - OSRAM GmbH

Part # SFH-7251
Download  SFH-7251 Click to download

File Size   485.43 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Infrared Emitter (850 nm) and green GaP-LED (570 nm)

SFH-7251 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH-7251

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7250 OSRAM-SFH-7250 Datasheet
480Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Similar Description - SFH-7251

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7222 OSRAM-SFH7222 Datasheet
92Kb / 7P
GaAlAs-Infrared-Emitter (880 nm) and green GaP-LED (565 nm)
SFH4356 OSRAM-SFH4356 Datasheet
435Kb / 11P
Infrared Emitter (850 nm)
SFH4356P OSRAM-SFH4356P Datasheet
267Kb / 12P
Infrared Emitter (850 nm)
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
Infrared Emitter (850 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
Infrared Emitter (850 nm)
SFH7251 OSRAM-SFH7251 Datasheet
361Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7222 OSRAM-SFH-7222 Datasheet
298Kb / 16P
GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com