Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL260E5 Datasheet (PDF) - Zetex Semiconductors

ZXCL260E5 Datasheet PDF - Zetex Semiconductors
Part # ZXCL260E5
Download  ZXCL260E5 Download
File Size   287.2 Kbytes
Page   11 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS

ZXCL260E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCL260E5 Datasheet PDF - Zetex Semiconductors

Part # ZXCL260E5
Download  ZXCL260E5 Click to download

File Size   287.2 Kbytes
Page   11 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS

ZXCL260E5 Datasheet (HTML) - Zetex Semiconductors


ZXCL260E5 Product details

DESCRIPTION
The ZXCL series have been designed with space sensitive systems in mind. They are available in the ultra small SC70-5 package, which is half the size of other SOT23 based regulators.

FEATURES
• 5-pin SC70 package for the ultimate in space saving
• 5-pin SOT23 industry standard pinout
• Can be used with all types of output capacitor
• Low 85mV dropout at 50mA load
• 50A ground pin current with full 150mA load
• Typically less than 10nA ground pin current on shutdown
• 2.5, 2.6, 2.8, 3, 3.3 and 4 volts output
• Very low noise, without bypass capacitor
• Thermal overload and over-current protection
• -40 to +85°C operating temperature range
• No-load stable

APPLICATIONS
• Cellular and Cordless phones
• Palmtop and laptop computers
• PDA
• Hand held instruments
• Camera, Camcorder, Personal Stereo
• PCMCIA cards
• Portable and Battery-powered equipment




Similar Part No. - ZXCL260E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL260E5 ZETEX-ZXCL260E5 Datasheet
374Kb / 11P
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL260E5TA DIODES-ZXCL260E5TA Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
More results


Similar Description - ZXCL260E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
Revision 1.3 May 3, 2005
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
Secondary V/I amplifier SOT23-5 and SC70-5 Package
Revision 1.3 July 17, 2006
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
Battery Charger Controller SOT23-5 and SC70-5 Package
Revision 1.8 April 1, 2006
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com