Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF11N50P/F Datasheet (PDF) - KEC(Korea Electronics)

KF11N50P/F Datasheet PDF - KEC(Korea Electronics)
Part # KF11N50P/F
Download  KF11N50P/F Download
File Size   401.25 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KF11N50P/F Datasheet (PDF)

Go To PDF Page Download Datasheet
KF11N50P/F Datasheet PDF - KEC(Korea Electronics)

Part # KF11N50P/F
Download  KF11N50P/F Click to download

File Size   401.25 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KF11N50P/F Datasheet (HTML) - KEC(Korea Electronics)


KF11N50P/F Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for electronic ballast and switching mode power supplies.

FEATURES
• VDSS= 500V, ID= 11A
• Drain-Source ON Resistance :
   RDS(ON)=0.52Ω (Max) @VGS = 10V
• Qg(typ.) = 26nC




Similar Part No. - KF11N50P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF11N50P KEC-KF11N50P Datasheet
401Kb / 7P
N CHANNEL MOS FIELD
logo
VBsemi Electronics Co.,...
KF11N50P VBSEMI-KF11N50P Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
KEC(Korea Electronics)
KF11N50P KEC-KF11N50P_15 Datasheet
401Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KF11N50P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50DR KEC-KF5N50DR Datasheet
69Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N50P KEC-KF10N50P Datasheet
80Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com