Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7114 Datasheet (PDF) - NXP Semiconductors

SAA7114 Datasheet PDF - NXP Semiconductors
Part # SAA7114
Download  SAA7114 Download
File Size   759.28 Kbytes
Page   147 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler

SAA7114 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7114 Datasheet PDF - NXP Semiconductors

Part # SAA7114
Download  SAA7114 Click to download

File Size   759.28 Kbytes
Page   147 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler

SAA7114 Datasheet (HTML) - NXP Semiconductors


SAA7114 Product details

GENERAL DESCRIPTION

The SAA7114 is a video capture device for applications at the image port of VGA controllers.



FEATURES

1.1 Video decoder

• Six analog inputs, internal analog source selectors, e.g.

  6×CVBS or (2×Y/C and 2×CVBS) or (1×Y/C and 4×CVBS)

• Two analog preprocessing channels in differential CMOS style inclusive built-in analog anti-alias filters

• Fully programmable static gain or Automatic Gain Control (AGC) for the selected CVBS or Y/C channel

• Automatic Clamp Control (ACC) for CVBS, Y and C

• Switchable white peak control

• Two 9-bit video CMOS Analog-to-Digital Converters (ADCs), digitized CVBS or Y/C signals are available on the expansion port

• On-chip line-locked clock generation in accordance with “ITU 601”

• Digital PLL for synchronization and clock generation from all standards and non-standard video sources e.g. consumer grade VTR

• Requires only one crystal (32.11 or 24.576 MHz) for all standards

• Horizontal and vertical sync detection

• Automatic detection of 50 and 60 Hz field frequency, and automatic switching between PAL and NTSC standards

• Luminance and chrominance signal processing for PAL B, G, D, H, I and N, combination PAL N, PAL M, NTSC M, NTSC-Japan, NTSC 4.43 and SECAM

• Adaptive 2/4-line comb filter for two dimensional chrominance/luminance separation:

– Increased luminance and chrominance bandwidth for all PAL and NTSC standards

– Reduced cross colour and cross luminance artefacts

• PAL delay line for correcting PAL phase errors

• Independent Brightness Contrast Saturation (BCS) adjustment for decoder part

• User programmable sharpness control

• Independent gain and offset adjustment for raw data path.



1.2 Video scaler

• Horizontal and vertical downscaling and upscaling to randomly sized windows

• Horizontal and vertical scaling range: variable zoom to 1⁄64(icon) (it should be noted that the H and V zoom are restricted by the transfer data rates)

• Anti-alias and accumulating filter for horizontal scaling

• Vertical scaling with linear phase interpolation and accumulating filter for anti-aliasing (6-bit phase

accuracy)

• Horizontal phase correct up and downscaling for improved signal quality of scaled data, especially for compression and video phone applications, with 6-bit phase accuracy (1.2 ns step width)

• Two independent programming sets for scaler part, to define two ‘ranges’ per field or sequences over frames

• Fieldwise switching between decoder part and expansion port (X port) input

• Brightness, contrast and saturation controls for scaled outputs.



APPLICATIONS

• Desktop video

• Multimedia

• Digital television

• Image processing

• Video phone applications.




Similar Part No. - SAA7114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
548Kb / 140P
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
More results


Similar Description - SAA7114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAA7115 PHILIPS-SAA7115 Datasheet
732Kb / 214P
PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
23 Oct 2001
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
October 10, 2012
logo
Renesas Technology Corp
TW9900 RENESAS-TW9900 Datasheet
160Kb / 2P
Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
TW9910 RENESAS-TW9910 Datasheet
160Kb / 2P
Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com