Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1015 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT1015 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT1015
Download  AAT1015 Download
File Size   130.42 Kbytes
Page   11 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 3-CHANNEL PC POWER SUPPLY SUPERVISOR

AAT1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1015 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT1015
Download  AAT1015 Click to download

File Size   130.42 Kbytes
Page   11 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 3-CHANNEL PC POWER SUPPLY SUPERVISOR

AAT1015 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT1015 Product details

GENERAL DESCRIPTION
The AAT1015 is a 3-channel PC switching power supply supervisor that provides Over Voltage Protection (OVP), Under Voltage Protection (UVP), and Power Good Indicator to monitor and control the output of the switching power supply system.
   
FEATURES
● 3-Channel PC Power Supply Supervisor
● Over Voltage Protection for 3.3V, 5V, 12V
    Output
● Under Voltage Protection for 3.3V, 5V
    Output with 75 ms Enable Delay
● Fault Protection Output with Open Drain
    Output
● Open Drain Power Good Output
● 300 ms Power Good Delay
● 2.3 ms ONCTL to FPO Turn Off Delay
● 38 ms ONCTL Signal De-Bounce
● 73 µs De-Bounce
● Latch Function Controlled by ONCTL and
    Protection Input.
   




Similar Part No. - AAT1015

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
AAT1014 AAT-AAT1014 Datasheet
136Kb / 11P
3-CHANNEL PC POWER SUPPLY SUPERVISOR
V 1.0
More results


Similar Description - AAT1015

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
3-Channel Power Supply Supervisor
logo
Advanced Analog Technol...
AAT1014 AAT-AAT1014 Datasheet
136Kb / 11P
3-CHANNEL PC POWER SUPPLY SUPERVISOR
V 1.0
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com