Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BC Datasheet (PDF) - Analog Devices

AD6636BC Datasheet PDF - Analog Devices
Part # AD6636BC
Download  AD6636BC Download
File Size   1629.29 Kbytes
Page   72 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 MSPS Wideband Digital Down-Converter (DDC)

AD6636BC Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6636BC Datasheet PDF - Analog Devices

Part # AD6636BC
Download  AD6636BC Click to download

File Size   1629.29 Kbytes
Page   72 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 MSPS Wideband Digital Down-Converter (DDC)

AD6636BC Datasheet (HTML) - Analog Devices


AD6636BC Product details

GENERAL DESCRIPTION
The AD6636 is a digital downconverter intended for IF sampling or oversampled baseband radios requiring wide bandwidth input signals. The AD6636 has been optimized for the demanding filtering requirements of wideband standards, such as CDMA2000, UMTS, and TD-SCDMA, but is flexible enough to support wider standards such as WiMAX. The AD6636 is designed for radio systems that use either an IF sampling ADC or a baseband sampling ADC.

FEATURES
   4/6 independent wideband processing channels
   Processes 6 wideband carriers (UMTS, CDMA2000)
   4 single-ended or 2 LVDS parallel input ports
      (16 linear bit plus 3-bit exponent) running at 150 MHz
   Supports 300 MSPS input using external interface logic
   Three 16-bit parallel output ports operating up to 200 MHz
   Real or complex input ports
   Quadrature correction and dc correction for complex inputs
   Supports output rate up to 34 MSPS per channel
   RMS/peak power monitoring of input ports
   Programmable attenuator control for external gain ranging
   3 programmable coefficient FIR filters per channel
   2 decimating half-band filters per channel
   6 programmable digital AGC loops with 96 dB range
   Synchronous serial I/O operation (SPI®-, SPORT-compatible)
   Supports 8-bit or 16-bit microport modes
   3.3 V I/O, 1.8 V CMOS core
   User-configurable, built-in, self-test (BIST) capability
   JTAG boundary scan

APPLICATIONS
   Multicarrier, multimode digital receivers
   GSM, EDGE, PHS, UMTS, WCDMA, CDMA2000, TD-SCDMA,
      WiMAX
   Micro and pico cell systems, software radios
   Broadband data applications
   Instrumentation and test equipment
   Wireless local loops
   In-building wireless telephony




Similar Part No. - AD6636BC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
150 MSPS, Wideband, Digital Downconverter
REV. A
More results


Similar Description - AD6636BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
Analog Devices
AD9254S AD-AD9254S Datasheet
2Mb / 26P
14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
150 MSPS, Wideband, Digital Downconverter
REV. A
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Intersil Corporation
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
Digital Down Converter
Aug 4, 2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com