Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1087 Datasheet (PDF) - Analog Devices

ADM1087 Datasheet PDF - Analog Devices
Part # ADM1087
Download  ADM1087 Download
File Size   299.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simple Sequencers in 6-Lead SC70

ADM1087 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1087 Datasheet PDF - Analog Devices

Part # ADM1087
Download  ADM1087 Click to download

File Size   299.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simple Sequencers in 6-Lead SC70

ADM1087 Datasheet (HTML) - Analog Devices


ADM1087 Product details

GENERAL DESCRIPTION

The ADM1085/ADM1086/ADM1087/ADM1088 are simple sequencing circuits that provide a time delay between the enabling of voltage regulators and/ordc-dc converters atpower upin multiple supply systems. When the output voltage of the first power module reaches a preset threshold,atime delayis initiated  before an enable signal allows subsequent regulators to power up. Any number ofthese devices can be cascaded with regulators toallow sequencing ofmultiple power supplies.



FEATURES

Provide programmable time delays between enable signals

Can be cascadedwith power modules for multiple supply sequencing

Power supply monitoring from 0.6 V Output stages:

   High voltage (up to 22 V) open-drain output (ADM1085/ADM1087)

   Push-pull output (ADM1086/ADM1088)

Capacitor-adjustable time delays

High voltage (up to 22 V) Enable and VINinputs

Low power consumption (15 µA)

Specified over –40°C to +125°Ctemperature range

6-leadSC70package



APPLICATIONS

Desktop/notebook computers,servers

Low power portable equipment

Routers

Base stations

Line cards

Graphics cards



 




Similar Part No. - ADM1087

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
Simple Sequencers in 6-Lead SC7
REV. A
ADM1087AKSZ-REEL7 AD-ADM1087AKSZ-REEL7 Datasheet
299Kb / 16P
Simple Sequencers in 6-Lead SC7
REV. A
More results


Similar Description - ADM1087

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
Microprocessor Supervisory Circuit in 4-Lead SC70
REV.0
AD7910 AD-AD7910 Datasheet
1Mb / 20P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
3/04 - Data Sheet changed from REV. A to REV. B
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
Jul-2006
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
Simple Sequencers in 6-Lead SC7
REV. A
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
Analog Switch in 6-Pin SC70
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com