Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWL6153 Datasheet (PDF) - ANADIGICS, Inc

AWL6153 Datasheet PDF - ANADIGICS, Inc
Part # AWL6153
Download  AWL6153 Download
File Size   247.55 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 2.4 GHz Wireless LAN Power Amplifier Module

AWL6153 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWL6153 Datasheet PDF - ANADIGICS, Inc

Part # AWL6153
Download  AWL6153 Click to download

File Size   247.55 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 2.4 GHz Wireless LAN Power Amplifier Module

AWL6153 Datasheet (HTML) - ANADIGICS, Inc


AWL6153 Product details

PRODUCT DESCRIPTION

The ANADIGICS AWL6153 WLAN Power Amplifier is an easy to use module that delivers high levels of linearity and efficiency for high data rate applications. Designed for the 2.4 GHz WLAN standards, it supports the 54 Mbps data rates specified in IEEE 802.11g.

Requiring a single +3 V to +5 V supply and a reference voltage input, the AWL6153 reduces system power consumption by offering a low leakage current while the amplifier is shut down.

No external circuits are required for RF impedance matching, thus reducing component costs and making it easy to incorporate the device into new designs.



FEATURES

• InGaP HBT Technology

• < 3.5% EVM at +25 dBm Output Power (+5 V Supply), with 802.11g Modulation at 54 Mbps Data Rate

• < 3% EVM at +21 dBm Output Power (+3.3 V Supply), with 802.11g Modulation at 54 Mbps Data Rate

• +3 V to +5 V Supply

• High Efficiency

• 4 x 4 x 1.5 mm Surface Mount Module

• 50Ω - Matched RF Ports for Reduced External Component Count

• Designated Pb-free Packaging



APPLICATIONS

• 802.11g/b WLAN Stations and Client Cards

• 802.11g/b WLAN Access Points



 




Similar Part No. - AWL6153

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
AWL6152M7P8 ANADIGICS-AWL6152M7P8 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
More results


Similar Description - AWL6153

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
logo
Microchip Technology
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com