Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE54 Datasheet (PDF) - NTE Electronics

NTE54 Datasheet PDF - NTE Electronics
Part # NTE54
Download  NTE54 Download
File Size   23.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Frequency Driver for Audio Amplifier

NTE54 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE54 Datasheet PDF - NTE Electronics

Part # NTE54
Download  NTE54 Click to download

File Size   23.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Frequency Driver for Audio Amplifier

NTE54 Datasheet (HTML) - NTE Electronics


NTE54 Product details

Description:

The NTE54 (NPN) and NTE55 (PNP) are silicon complementary transistors in a TO220 type case designed for use as a high frequency driver in audio amplifier applications.



Features:

• DC Current Gain Specified to 4A:

       hFE = 40 Min @ IC = 3A

            = 20 MIn @ IC = 4A

• Collector–Emitter Sustaining Voltage: VCEO(sus) = 150V Min

• High Current Gain–Bandwidth Product: fT = 30MHz Min @ IC = 500mA



 




Similar Part No. - NTE54

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5400 NTE-NTE5400 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
NTE5401 NTE-NTE5401 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
NTE5402 NTE-NTE5402 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
NTE5403 NTE-NTE5403 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
NTE5404 NTE-NTE5404 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
More results


Similar Description - NTE54

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Frequency Video Driver
NTE284 NTE-NTE284 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Amplifier Output
NTE293 NTE-NTE293 Datasheet
20Kb / 2P
Silicon Complementary Transistors Audio Amplifier and Driver
NTE297 NTE-NTE297 Datasheet
20Kb / 2P
Silicon Complementary Transistors Audio Amplifier, Driver
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier
NTE373 NTE-NTE373 Datasheet
17Kb / 2P
Silicon Complementary Transistors Audio Amplifier, Driver
NTE382 NTE-NTE382 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Frequency Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com