Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8028 Datasheet (PDF) - Linear Technology

LTM8028 Datasheet PDF - Linear Technology
Part # LTM8028
Download  LTM8028 Download
File Size   519.58 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Triple 10A Step-DownDC/DC 關Module Regulator

LTM8028 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8028 Datasheet PDF - Linear Technology

Part # LTM8028
Download  LTM8028 Click to download

File Size   519.58 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Triple 10A Step-DownDC/DC 關Module Regulator

LTM8028 Datasheet (HTML) - Linear Technology




Similar Part No. - LTM8028

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8028 LINER-LTM8028 Datasheet
553Kb / 24P
36VIN, UltraFast, Low Output Noise 5A 關Module Regulator
LTM8028 LINER-LTM8028 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM8028 LINER-LTM8028 Datasheet
637Kb / 30P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
LTM8028EYPBF LINER-LTM8028EYPBF Datasheet
553Kb / 24P
36VIN, UltraFast, Low Output Noise 5A 關Module Regulator
LTM8028IYPBF LINER-LTM8028IYPBF Datasheet
553Kb / 24P
36VIN, UltraFast, Low Output Noise 5A 關Module Regulator
More results


Similar Description - LTM8028

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com