Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC259 Datasheet (PDF) - Hittite Microwave Corporation

HMC259 Datasheet PDF - Hittite Microwave Corporation
Part # HMC259
Download  HMC259 Download
File Size   167.48 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 28 - 40 GHz

HMC259 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC259 Datasheet PDF - Hittite Microwave Corporation

Part # HMC259
Download  HMC259 Click to download

File Size   167.48 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 28 - 40 GHz

HMC259 Datasheet (HTML) - Hittite Microwave Corporation


HMC259 Product details

General Description

The HMC259 chip is a broadband sub-harmonically pumped (x2) balanced MMIC passive mixer which can be used as an upconverter or down converter. The chip utilizes a GaAs MESFET process resulting in a small overall chip area of 1.9mm2. This chip has a very wide IF bandwidth of DC-13 GHz. The 2LO to RF isolation is excellent eliminating the need for additional filtering. All data is with the chip in a 50 ohm test fixture connected via 0.025mm (1 mil) diameter wire bonds of minimal length <0.31mm (<12 mils).

This device is a much smaller and more reliable replacement to hybrid diode mixer designs.



Features

  Sub-Harmonically Pumped (x2) LO

  High 2LO/RF Isolation: >35 dB

  Small Size: 1.24mm x 1.55mm



Typical Applications

The HMC259 is ideal for:

• Point to Point Radios

• LMDS

• SATCOM



 




Similar Part No. - HMC259

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC259 HITTITE-HMC259 Datasheet
212Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 28 - 40 GHz
HMC259 HITTITE-HMC259_01 Datasheet
212Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 28 - 40 GHz
More results


Similar Description - HMC259

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC259 HITTITE-HMC259_01 Datasheet
212Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 28 - 40 GHz
HMC330 HITTITE-HMC330_01 Datasheet
217Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com