Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet (PDF) - Linear Technology

LTM4627 Datasheet PDF - Linear Technology
Part # LTM4627
Download  LTM4627 Download
File Size   1419.73 Kbytes
Page   30 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 10A Step-Down DC/DC 關Module Regulator

LTM4627 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4627 Datasheet PDF - Linear Technology

Part # LTM4627
Download  LTM4627 Click to download

File Size   1419.73 Kbytes
Page   30 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 10A Step-Down DC/DC 關Module Regulator

LTM4627 Datasheet (HTML) - Linear Technology




Similar Part No. - LTM4627

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4627 LINER-LTM4627 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
More results


Similar Description - LTM4627

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com