Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540ZL Datasheet (PDF) - International Rectifier

IRF540ZL Datasheet PDF - International Rectifier
Part # IRF540ZL
Download  IRF540ZL Download
File Size   310.12 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET

IRF540ZL Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF540ZL Datasheet PDF - International Rectifier

Part # IRF540ZL
Download  IRF540ZL Click to download

File Size   310.12 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET

IRF540ZL Datasheet (HTML) - International Rectifier


IRF540ZL Product details

VDSS = 100V
RDS(on) = 26.5mΩ
ID = 36A

Description
Specifically designed for Automotive applications, this HEXFET® Power MOSFET utilizes the latest processing techniques to achieve extremely low on resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications

Features
● Advanced Process Technology
● Ultra Low On-Resistance
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax




Similar Part No. - IRF540ZL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF540ZL IRF-IRF540ZL Datasheet
308Kb / 13P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF540ZL ISC-IRF540ZL Datasheet
301Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF540ZLPBF IRF-IRF540ZLPBF Datasheet
349Kb / 12P
AUTOMOTIVE MOSFET
IRF540ZLPBF IRF-IRF540ZLPBF Datasheet
384Kb / 12P
Advanced Process Technology
IRF540ZLPBF IRF-IRF540ZLPBF Datasheet
384Kb / 12P
Advanced Process Technology
More results


Similar Description - IRF540ZL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808S IRF-IRF3808S Datasheet
162Kb / 11P
AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
AUTOMOTIVE MOSFET
IRF2903ZSPBF IRF-IRF2903ZSPBF Datasheet
344Kb / 11P
AUTOMOTIVE MOSFET
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3505TRL KERSEMI-IRFR3505TRL Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505PBF KERSEMI-IRFU3505PBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
AUTOMOTIVE MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com