Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH24P20 Datasheet (PDF) - IXYS Corporation

IXTH24P20 Datasheet PDF - IXYS Corporation
Part # IXTH24P20
Download  IXTH24P20 Download
File Size   79.34 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Standard Power MOSFET

IXTH24P20 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXTH24P20 Datasheet PDF - IXYS Corporation

Part # IXTH24P20
Download  IXTH24P20 Click to download

File Size   79.34 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Standard Power MOSFET

IXTH24P20 Datasheet (HTML) - IXYS Corporation


IXTH24P20 Product details

VDSS = 200 V
ID25 = 24 A
RDS(on) = 0.15 Ω

Features
• International standard package JEDEC TO-247 AD
• Low RDS (on) HDMOSTM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS) rated
• Low package inductance (<5 nH)
   - easy to drive and to protect

Applications
• High side switching
• Push-pull amplifiers
• DC choppers
• Automatic test equipment

Advantages
• Easy to mount with 1 screw (isolated mounting screw hole)
• Space savings
• High power density




Similar Part No. - IXTH24P20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH24P20 IXYS-IXTH24P20 Datasheet
563Kb / 5P
Standard Power MOSFET
More results


Similar Description - IXTH24P20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IZTH6N90 IXYS-IZTH6N90 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH16P20 IXYS-IXTH16P20 Datasheet
79Kb / 2P
Standard Power MOSFET
IXTH5N100 IXYS-IXTH5N100 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH10P60 IXYS-IXTH10P60 Datasheet
70Kb / 2P
Standard Power MOSFET
IXTH50P10 IXYS-IXTH50P10 Datasheet
79Kb / 2P
Standard Power MOSFET
IRFP250 IXYS-IRFP250 Datasheet
47Kb / 2P
Standard Power MOSFET
IXTH11P50 IXYS-IXTH11P50 Datasheet
573Kb / 4P
Standard Power MOSFET
IXTH36P10 IXYS-IXTH36P10 Datasheet
81Kb / 2P
Standard Power MOSFET
IXTT24P20 IXYS-IXTT24P20 Datasheet
563Kb / 5P
Standard Power MOSFET
IXTT50P10 IXYS-IXTT50P10 Datasheet
123Kb / 4P
Standard Power MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com