Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2ABF Datasheet (PDF) - Shenzhen Yixinwei Technology Co., Ltd.

ES2ABF Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.
Part # ES2ABF
Download  ES2ABF Download
File Size   258.77 Kbytes
Page   3 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description Surface Mount Superfast Recovery Rectifier

ES2ABF Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2ABF Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES2ABF
Download  ES2ABF Click to download

File Size   258.77 Kbytes
Page   3 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description Surface Mount Superfast Recovery Rectifier

ES2ABF Datasheet (HTML) - Shenzhen Yixinwei Technology Co., Ltd.


ES2ABF Product details

FEATURES
♦ Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
♦ ​​​​​​​Compliant. See ordering information)
♦ Case Material: Molded Plastic. UL Flammability
♦ Classification Rating 94V-0 and MSL rating 1
♦ Easy Pick And Place
♦ High Temp Soldering: 260°C for 10 Seconds At Terminals
♦ Ultrafast Recovery Times For High Efficiency

Mechanical Data
   Case: JEDEC DO-214AA molded plastic body over passivated chip
   Terminals: Solder plated, solderable per MIL-STD-750,
   Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight: 0.005 ounce, 0.138 grams




Similar Part No. - ES2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES2ABF YFWDIODE-ES2ABF Datasheet
426Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES2ABF JUXING-ES2ABF Datasheet
732Kb / 3P
Surface Mount Superfast Rectifiers
logo
Jiangsu High diode Semi...
ES2ABF HDSEMI-ES2ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
More results


Similar Description - ES2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF Datasheet
616Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES2AW SEMIPOWER-ES2AW Datasheet
133Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES3ABF SEMIPOWER-ES3ABF Datasheet
129Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Shanghai Yint Electroni...
ES2ABF YINT-ES2ABF Datasheet
558Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES3ABF YINT-ES3ABF Datasheet
555Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES5AC YINT-ES5AC Datasheet
552Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Nantong Hornby Electron...
ER1X HORNBY-ER1X_V01 Datasheet
265Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AW YFWDIODE-ES2AW_V01 Datasheet
416Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com