Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH1510AT Datasheet (PDF) - Vishay Siliconix

LH1510AT Datasheet PDF - Vishay Siliconix
Part # LH1510AT
Download  LH1510AT Download
File Size   180.95 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 Form A Solid State Relay

LH1510AT Datasheet (PDF)

Go To PDF Page Download Datasheet
LH1510AT Datasheet PDF - Vishay Siliconix

Part # LH1510AT
Download  LH1510AT Click to download

File Size   180.95 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 Form A Solid State Relay

LH1510AT Datasheet (HTML) - Vishay Siliconix


LH1510AT Product details

DESCRIPTION
The LH1510 is an SPST normally open switch (1 Form A) that can replace electromechanical relays in many applications. The relay is constructed using a GaAlAs LED for actuation control and high reliable MOSFETs for the output switch. In addition, it employs current-limiting circuitry to provide overvoltage protection. The LH1510 provides current limiting also for unidirectional DC applications.

FEATURES
• Isolation test voltage 5300 VRMS
• Typical RON 12 Ω
• Load voltage 200 V
• Load current 200 mA / 350 mA
• Clean bounce free switching
• Current limit protection
• Low power consumption
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• General telecom switching
• Metering
• Security equipment
• Instrumentation
• Industrial controls
• Battery management systems
• Automatic test equipment




Similar Part No. - LH1510AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AT VISHAY-LH1510AT Datasheet
197Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1510AT VISHAY-LH1510AT Datasheet
196Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1510AT VISHAY-LH1510AT Datasheet
197Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results


Similar Description - LH1510AT

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com