Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02DQ Datasheet (PDF) - STMicroelectronics

LIS3L02DQ Datasheet PDF - STMicroelectronics
Part # LIS3L02DQ
Download  LIS3L02DQ Download
File Size   317.49 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER

LIS3L02DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS3L02DQ Datasheet PDF - STMicroelectronics

Part # LIS3L02DQ
Download  LIS3L02DQ Click to download

File Size   317.49 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER

LIS3L02DQ Datasheet (HTML) - STMicroelectronics


LIS3L02DQ Product details

DESCRIPTION
The LIS3L02DQ is a tri-axis digital output linear accelerometer that includes a sensing element and an IC interface able to take the information from the sensing element and to provide the measured acceleration signals to the external world through an I2C/SPI serial interface.

FEATURES
■ 2.7V TO 3.6V SINGLE SUPPLY OPERATION
■ 1.8V COMPATIBLE IOs
■ I2C/SPI DIGITAL OUTPUT INTERFACES
■ MOTION ACTIVATED INTERRUPT SOURCE
■ FACTORY TRIMMED DEVICE SENSITIVITY AND OFFSET
■ EMBEDDED SELF TEST
■ HIGH SHOCK SURVIVABILITY




Similar Part No. - LIS3L02DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02ALTR STMICROELECTRONICS-LIS3L02ALTR Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Rev. 4
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER
May-2005
More results


Similar Description - LIS3L02DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ Datasheet
120Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS2L02AS STMICROELECTRONICS-LIS2L02AS Datasheet
84Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Rev. 4
LIS3L02AS STMICROELECTRONICS-LIS3L02AS Datasheet
80Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Feb-2003
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
Nov-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com