Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1400 Datasheet (PDF) - 3M Electronics

1400 Datasheet PDF - 3M Electronics
Part # 1400
Download  1400 Download
File Size   37.68 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Economy Vinyl Electrical Tape 1400

1400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400 Datasheet PDF - 3M Electronics

Part # 1400
Download  1400 Click to download

File Size   37.68 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Economy Vinyl Electrical Tape 1400

1400 Datasheet (HTML) - 3M Electronics


1400 Product details

Description
3M™ Economy Vinyl Electrical Tape 1400 is a black 7 mil thick, general use vinyl-insulating tape. It is designed to perform continuously in temperatures up to 80°C (176°F). This tape has a polyvinyl chloride (PVC) backing with pressure–sensitive rubber based adhesive. It inhibits corrosion of electrical conductors. Agency Approvals & Self Certifications UL Listed; UL 510 Standard “Insulating Tape” product category OANZ, File # 129200 RoHS 2002/95/EC RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M.

Applications
■ Electrical insulation for all wire and cable splices rated up to 600 volts and 80°C (176°F).
■ Harnessing of wires and cables Installation Techniques The tape shall be applied in half–lapped layers with sufficient tension to produce a uniform wind. Apply the tape with no tension on the last wrap to prevent flagging. Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (~23°C) unless otherwise stated. Physical Property (Test Method) Typical Value US units (metric) Color Black Adhesive Pressure-sensitive rubber based Type of Backing Polyvinyl chloride Thickness (UL 510) 7 mils Adhesion to Backing (ASTM D1000) 16 oz/in Adhesion to Steel (ASTM D1000) 16 oz/in Breaking Strength (ASTM D1000) 14 lbs/in Ultimate Elongation (ASTM D1000) 150% Dielectric Strength (ASTM D1000) Standard Condition 1000 V/mil High Humidity 90% of std. Flammability (UL 510) Pass Voltage Raging (UL 510) 600V Flagging (ASTM D1000) <0.25 inch




Similar Part No. - 1400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
1400 ETC1-1400 Datasheet
48Kb / 1P
4700
logo
Linear Technology
1400 LINER-1400 Datasheet
2Mb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
logo
Gamewell-FCI by Honeywe...
1400 GAMEWELL-FCI-1400 Datasheet
146Kb / 2P
Ionization detector
logo
Switchcraft, Inc.
1400 SWITCH-1400 Datasheet
48Kb / 1P
LONG FRAME (1/4) TELEPHONE JACK PANELS
More results


Similar Description - 1400

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TAPE35 3M-TAPE35 Datasheet
50Kb / 2P
Vinyl Electrical Tape 35
Jul-2011
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
SUPER33 3M-SUPER33 Datasheet
32Kb / 3P
Vinyl Electrical Tape
Rev D
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
TAPE35 3M-TAPE35_17 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE88 3M-TAPE88 Datasheet
53Kb / 3P
Vinyl Electrical Tape Super 88
Jul-2011
TEMFLEX1300 3M-TEMFLEX1300 Datasheet
88Kb / 2P
Vinyl Electrical Tape
66R 3M-66R Datasheet
33Kb / 3P
Scotch® Vinyl Electrical Tape 66R
Dec-2011
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
165 3M-165 Datasheet
127Kb / 2P
Vinyl Electrical Tape 165
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com