Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1755 Datasheet (PDF) - 3M Electronics

1755 Datasheet PDF - 3M Electronics
Part # 1755
Download  1755 Download
File Size   26.45 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Temflex Friction Tape 1755

1755 Datasheet (PDF)

Go To PDF Page Download Datasheet
1755 Datasheet PDF - 3M Electronics

Part # 1755
Download  1755 Click to download

File Size   26.45 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Temflex Friction Tape 1755

1755 Datasheet (HTML) - 3M Electronics


1755 Product details

Description
3M™ Temflex™ Friction Tape 1755 is a high-grade, black friction tape designed to provide mechanical protection against abrasion and cut-through for cable, wire splices and connections insulated with rubber electrical tape. The 13-mil thick tape is composed of a high-quality cotton fabric, coated on both sides with an electrical-grade, solvent-free, rubber adhesive. 3M Temflex Friction Tape 1755 has high break strength and low stretch, making it ideal as a heavy-duty binding and harnessing tape. Agency Approvals & Self Certifications RoHS 2011/65/EU “RoHS 2011/65/EU" means that the product or part does not contain any of the substances in excess of the maximum concentration values (“MCVs”) in EU RoHS Directive 2011/65/EU. The MCVs are by weight in homogeneous materials. This information represents 3M's knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M.

Applications
■ Provide abrasion and cut-through protection on wire and cable splices
■ Provide mechanical protection for rubber electrical tape
■ Provide bundling, binding and spot holding on wire harnesses
■ Provide protection on sharp edges, to prevent scratching or cut through Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (~23°C) unless otherwise stated. Property (Test Method) Typical Value Color Black Adhesive Rubber coated both sides Thickness 13 mil (0.33 mm) Tensile Strength (ASTM D 1000) 48 lbs/inch (210 N/25 mm) Adhesion to Backing (ASTM D 1000) 40 oz/inch (1.1 Kg/25 mm) Specifications The tape shall consist of a woven cotton fabric with rubber adhesive insulating compound. The tape shall be evenly wound and free of defects such as dirt, knots, lumps and irregularities. The tape shall be 13 mils thick. Shelf Life & Storage This product has a 5-year shelf life from date of manufacture when stored in a humidity controlled storage (50 to 80°F (10 to 27°C) and <75% relative humidity). Availability Contact your local distributor. Available from 3M.com/electrical [Where to Buy] or call 1-800-676-8381.




Similar Part No. - 1755

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1755 ETC2-1755 Datasheet
1Mb / 16P
Drywall Punch
logo
Adafruit Industries
1755 ADAFRUIT-1755 Datasheet
276Kb / 2P
Adafruit LED Sequins - Ruby Red
logo
Allen-Bradley
1755-L1 ALLEN-BRADLEY-1755-L1 Datasheet
62Kb / 4P
GuardPLC 2000 Safety System
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
TE Connectivity Ltd
175506 TEC-175506 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
More results


Similar Description - 1755

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
2155 3M-2155 Datasheet
46Kb / 2P
Temflex™ 2155 Rubber Splicing Tape
9969 3M-9969 Datasheet
344Kb / 2P
3M Transfer Adhesive Tape featuring 3M PCAT
Sep-2017
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
3294 3M-3294 Datasheet
131Kb / 5P
3M™ Vent Tape
Jan-2006
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
86415 3M-86415 Datasheet
275Kb / 3P
3M™ VHB™ Tape
Sep-2017
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
Jun-2010
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com