Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2001 Datasheet (PDF) - Shenzhen Yixinwei Technology Co., Ltd.

UF2001 Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.
Part # UF2001
Download  UF2001 Download
File Size   209.58 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description 2.0A ULTRA-FAST RECTIFIER

UF2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF2001 Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.

Part # UF2001
Download  UF2001 Click to download

File Size   209.58 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description 2.0A ULTRA-FAST RECTIFIER

UF2001 Datasheet (HTML) - Shenzhen Yixinwei Technology Co., Ltd.


UF2001 Product details

Features
• Diffused Junction
• Ultra-Fast Switching for High Efficiency
• Surge Overload Rating to 60A Peak
• Low Reverse Leakage Current
• Lead Free Finish, RoHS Compliant (Note 4)




Similar Part No. - UF2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
UF2001 DIODES-UF2001 Datasheet
95Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
105Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
More results


Similar Description - UF2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
UF2001 DIODES-UF2001_1 Datasheet
95Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
2.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
UF2001 DIODES-UF2001_2 Datasheet
105Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
logo
Gaomi Xinghe Electronic...
UF2001 GXELECTRONICS-UF2001 Datasheet
207Kb / 2P
2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001_15 Datasheet
105Kb / 3P
2.0A ULTRA-FAST RECTIFIER
Rev erse
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 6
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001 Datasheet
1Mb / 2P
2.0A Ultra-fast Rectifier
UF2001 LUGUANG-UF2001_17 Datasheet
1Mb / 2P
2.0A Ultra-fast Rectifier
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com