Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C512-12C1 Datasheet (PDF) - STMicroelectronics

M27C512-12C1 Datasheet PDF - STMicroelectronics
Part # M27C512-12C1
Download  M27C512-12C1 Download
File Size   403.45 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit (64K x8) UV EPROM and OTP EPROM

M27C512-12C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C512-12C1 Datasheet PDF - STMicroelectronics

Part # M27C512-12C1
Download  M27C512-12C1 Click to download

File Size   403.45 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit (64K x8) UV EPROM and OTP EPROM

M27C512-12C1 Datasheet (HTML) - STMicroelectronics


M27C512-12C1 Product details

SUMMARY DESCRIPTION

The M27C512 is a 512 Kbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for applications where fast turn-around and pattern experi mentation are important requirements and is organized as 65536 by 8 bits.



Features

■ 5V ± 10% supply voltage in read operation

■ Access time: 45 ns

■ Low power “CMOS” consumption:

    – Active current 30 mA

    – Standby current 100 µA

■ Programming voltage: 12.75 V ± 0.25 V

■ Programming time around 6 s.

■ Electronic Signature

    – Manufacturer code: 20h

    – Device code: 3Dh

■ Packages

   – ECOPACK versions




Similar Part No. - M27C512-12C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M27C512-12C1E STMICROELECTRONICS-M27C512-12C1E Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1F STMICROELECTRONICS-M27C512-12C1F Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1TR STMICROELECTRONICS-M27C512-12C1TR Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
More results


Similar Description - M27C512-12C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
1 Mbit 128Kb x8 UV EPROM and OTP EPROM
04-Jun-2002
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
UV EPROM and OTP EPROM
30-Aug-2001
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com