Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1474 Datasheet (PDF) - Maxim Integrated Products

MAX1474 Datasheet PDF - Maxim Integrated Products
Part # MAX1474
Download  MAX1474 Download
File Size   145.88 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Miniature Electronically Trimmable Capacitor

MAX1474 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1474 Datasheet PDF - Maxim Integrated Products

Part # MAX1474
Download  MAX1474 Click to download

File Size   145.88 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Miniature Electronically Trimmable Capacitor

MAX1474 Datasheet (HTML) - Maxim Integrated Products


MAX1474 Product details

General Description

The MAX1474 is a fine-line (geometry) electronically trimmable capacitor (FLECAP) programmable through a

simple digital interface. There are 32 programmable capacitance values ranging from 6.4pF to 13.3pF in 0.22pF increments (Table 1). The quartz dielectric capacitance is highly stable and exhibits a very low voltage coefficient. It has virtually no dielectric absorption and has a very low temperature drift coefficient (<33ppm/°C). The MAX1474 is programmed through two digital interface pins, which have Schmidt triggers and pulldown resistors to secure capacitance programming.



Features

♦Tiny SC70 Package (1.1mm x 2.2mm x 2.4mm)

♦High-Performance Electronically Trimmable Capacitance

♦Very Simple Digital Interface

♦Eliminates the Need for Mechanical Tuning

♦Enabling Technology for Low-Cost Production Line Automation

♦Fully Static Operation After Programming (No Switching)



Applications

Post-Trim of Low-Cost Regenerative Receivers

Tunable RF Stages

Low-Cost, Low-Temperature Drift Oscillators

Garage Door Openers

Keyless Entry

Industrial Wireless Control

Capacitive Sensor Trimming

RFID Tags




Similar Part No. - MAX1474

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14740 MAXIM-MAX14740 Datasheet
676Kb / 2P
Provides Robust Bidirectional Power Path
Rev 1; 7/16
MAX14740EWP+T MAXIM-MAX14740EWP+T Datasheet
676Kb / 2P
Provides Robust Bidirectional Power Path
Rev 1; 7/16
MAX14741EWP+T MAXIM-MAX14741EWP+T Datasheet
676Kb / 2P
Provides Robust Bidirectional Power Path
Rev 1; 7/16
MAX14742 MAXIM-MAX14742 Datasheet
676Kb / 2P
Provides Robust Bidirectional Power Path
Rev 1; 7/16
MAX14742EWP+T MAXIM-MAX14742EWP+T Datasheet
676Kb / 2P
Provides Robust Bidirectional Power Path
Rev 1; 7/16
More results


Similar Description - MAX1474

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X90100 XICOR-X90100 Datasheet
104Kb / 10P
NV Electronically Programmable Capacitor
logo
Intersil Corporation
X90100 INTERSIL-X90100 Datasheet
203Kb / 7P
NV Electronically Programmable capacitor
February 2, 2005
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
TRIMMABLE CHIP
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
TRIMMABLE CHIP RESISTORS
logo
Mechatronics, Inc.
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
electronically commutated
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
electronically commutated
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com