Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1518 Datasheet (PDF) - Maxim Integrated Products

MAX1518 Datasheet PDF - Maxim Integrated Products
Part # MAX1518
Download  MAX1518 Download
File Size   919.44 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TFT-LCD DC-DC Converters with Operational Amplifiers

MAX1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1518 Datasheet PDF - Maxim Integrated Products

Part # MAX1518
Download  MAX1518 Click to download

File Size   919.44 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TFT-LCD DC-DC Converters with Operational Amplifiers

MAX1518 Datasheet (HTML) - Maxim Integrated Products


MAX1518 Product details

General Description

The MAX1516/MAX1517/MAX1518 include a high-performance step-up regulator, two linear-regulator controllers, and high-current operational amplifiers for active-matrix thin-film transistor (TFT) liquid-crystal displays (LCDs). Also included is a logic-controlled, high-voltage switch with adjustable delay.



Features

♦2.6V to 5.5V Input Supply Range

♦1.2MHz Current-Mode Step-Up Regulator

  Fast Transient Response to Pulsed Load

  High-Accuracy Output Voltage (1.5%)

  Built-In 14V, 2.4A, 0.16ΩN-Channel MOSFET

  High Efficiency (90%)

♦Linear-Regulator Controllers for VGONand VGOFF

♦High-Performance Operational Amplifiers

  ±150mA Output Short-Circuit Current

  13V/µs Slew Rate

  12MHz, -3dB Bandwidth

  Rail-to-Rail Inputs/Outputs

♦Logic-Controlled, High-Voltage Switch with Adjustable Delay

♦Timer-Delay Fault Latch for All Regulator Outputs

♦Thermal-Overload Protection

♦0.6mA Quiescent Current



Applications

Notebook Computer Displays

LCD Monitor Panels

Automotive Displays




Similar Part No. - MAX1518

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1518 MAXIM-MAX1518 Datasheet
247Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
MAX1518A MAXIM-MAX1518A Datasheet
1Mb / 29P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1518AETJ MAXIM-MAX1518AETJ Datasheet
1Mb / 29P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX1518BETJ MAXIM-MAX1518BETJ Datasheet
1Mb / 25P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
More results


Similar Description - MAX1518

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
September 26, 2005
logo
Maxim Integrated Produc...
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
TFT-LCD DC/DC Converter with Operational Amplifiers
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com