Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9713 Datasheet (PDF) - Maxim Integrated Products

MAX9713 Datasheet PDF - Maxim Integrated Products
Part # MAX9713
Download  MAX9713 Download
File Size   508.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers

MAX9713 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9713 Datasheet PDF - Maxim Integrated Products

Part # MAX9713
Download  MAX9713 Click to download

File Size   508.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers

MAX9713 Datasheet (HTML) - Maxim Integrated Products


MAX9713 Product details

General Description
The MAX9713/MAX9714 mono/stereo Class D audio power amplifiers provide Class AB amplifier performance with Class D efficiency, conserving board space and eliminating the need for a bulky heatsink. Using a Class D architecture, these devices deliver up to 6W while offering greater than 85% efficiency. Proprietary and protected modulation and switching schemes render the traditional Class D output filter unnecessary.

Features
♦ Filterless Class D Amplifier
♦ Unique Spread-Spectrum Mode Offers 5dB
   Emissions Improvement Over Conventional
   Methods
♦ Up to 85% Efficient
♦ 6W Output Power into 8Ω
♦ Low 0.07% THD+N
♦ High PSRR (76dB at 1kHz)
♦ 10V to 25V Single-Supply Operation
♦ Differential Inputs Minimize Common-Mode Noise
♦ Pin-Selectable Gain Reduces Component Count
♦ Industry-Leading Integrated Click-and-Pop
   Suppression
♦ Low Quiescent Current (18mA)
♦ Low-Power Shutdown Mode (0.2µA)
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in Thermally Efficient, Space-Saving
   Packages
   32-Pin TQFN (5mm x 5mm x 0.8mm)–MAX9713
   32-Pin TQFN (7mm x 7mm x 0.8mm)–MAX9714
  
Applications
   LCD Monitors
   LCD TVs
   Desktop PCs
   LCD Projectors
   High-End Notebook Audio
   Hands-Free Car Phone Adaptors




Similar Part No. - MAX9713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
216Kb / 8P
MAX9713 Evaluation Kit
19-3521; Rev 2; 11/07
logo
Analog Devices
MAX9713 AD-MAX9713 Datasheet
559Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 6 12/06
MAX9713ETJ+ AD-MAX9713ETJ+ Datasheet
559Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 6 12/06
logo
Maxim Integrated Produc...
MAX9713EVKIT MAXIM-MAX9713EVKIT Datasheet
216Kb / 8P
MAX9713 Evaluation Kit
19-3521; Rev 2; 11/07
MAX9713 MAXIM-MAX9713_07 Datasheet
216Kb / 8P
MAX9713 Evaluation Kit
19-3521; Rev 2; 11/07
More results


Similar Description - MAX9713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Lowpower Semiconductor ...
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
Filterless 6W Class- D Mono Audio Amplifier
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com