Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL5225B Datasheet (PDF) - Microsemi Corporation

MLL5225B Datasheet PDF - Microsemi Corporation
Part # MLL5225B
Download  MLL5225B Download
File Size   93.76 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LEADLESS GLASS ZENER DIODES

MLL5225B Datasheet (PDF)

Go To PDF Page Download Datasheet
MLL5225B Datasheet PDF - Microsemi Corporation

Part # MLL5225B
Download  MLL5225B Click to download

File Size   93.76 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LEADLESS GLASS ZENER DIODES

MLL5225B Datasheet (HTML) - Microsemi Corporation


MLL5225B Product details

DESCRIPTION
The  1N5221BUR  thru  1N5281BUR  series  of  0.5  watt  Zener  Voltage Regulators  provides  a  surface  mount  equivalent  to  the  popular  JEDEC registered  1N5221B  to  1N5281B  for  2.4  to  200  volts  in  standard  5% tolerances  as  well  as  tighter  tolerances  identified  by  different  suffix  letters  on the  part  number.  These  are  also  available  with  an  internal-metallurgical bond  option  by  adding  a  “-1”  suffix  (see  separate  data  sheet).  Microsemi also  offers  numerous  other  Zener  products  to  meet  higher  and  lower  power applications.

FEATURES
• Surface mount equivalentsto the JEDEC registered 1N5221 thru 1N5281B  series
• Hermetically sealed surface mount package
• RoHS Compliant devices available by adding “e3” suffix
• Internal metallurgical bond option available by adding a “-1” suffix (see separate data sheet for same part numbers with “-1” suffix)
• DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N5221 thru 1N5281B series )

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Selection from 2.4 to 200 V
• Standard voltage tolerances are plus/minus 5% with B suffix identification and 10 % with A suffix
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - MLL5225B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL5225B MICROSEMI-MLL5225B Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
More results


Similar Description - MLL5225B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL3016B MICROSEMI-MLL3016B Datasheet
99Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL3821 MICROSEMI-MLL3821 Datasheet
91Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL4728 MICROSEMI-MLL4728 Datasheet
77Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL5221 MICROSEMI-MLL5221 Datasheet
87Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL5913 MICROSEMI-MLL5913 Datasheet
76Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
LEADLESS GLASS ZENER DIODE SURFACE MOUNT
MLL957B MICROSEMI-MLL957B Datasheet
72Kb / 3P
LEADLESS GLASS ZENER DIODE SURFACE MOUNT
logo
Rohm
RLZTE-1127C ROHM-RLZTE-1127C Datasheet
820Kb / 4P
500mW Zener Leadless Diodes
logo
Digitron Semiconductors
1N4460 DIGITRON-1N4460 Datasheet
151Kb / 2P
GLASS ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com