Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWS4621L Datasheet (PDF) - Renesas Technology Corp

GWS4621L Datasheet PDF - Renesas Technology Corp
Part # GWS4621L
Download  GWS4621L Download
File Size   524.28 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 20V N-Channel Power MOSFET

GWS4621L Datasheet (PDF)

Go To PDF Page Download Datasheet
GWS4621L Datasheet PDF - Renesas Technology Corp

Part # GWS4621L
Download  GWS4621L Click to download

File Size   524.28 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 20V N-Channel Power MOSFET

GWS4621L Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - GWS4621L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GWS TDK-GWS Datasheet
320Kb / 2P
Single Output 250 & 500W Power Supplies
logo
Vishay Siliconix
GWS VISHAY-GWS Datasheet
182Kb / 11P
Vitreous Wirewound Resistors with Lugs
19-Jul-16
logo
Bosch Sensortec GmbH
GWS 11-125CI BOSCH-GWS 11-125CI Datasheet
30Kb / 1P
Angle Grinders - 125mm
GWS 8-115 BOSCH-GWS 8-115 Datasheet
29Kb / 1P
115mm Angle Grinders
GWS 8-115 AVH BOSCH-GWS 8-115 AVH Datasheet
27Kb / 1P
115mm Angle Grinder
More results


Similar Description - GWS4621L

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNMD2078 WILLSEMI-WNMD2078 Datasheet
676Kb / 7P
Dual N-Channel, 20V, 0.48A, Power MOSFET
WNMD2090 WILLSEMI-WNMD2090 Datasheet
5Mb / 6P
Dual N-Channel, 20V, 0.62A, Power MOSFET
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2162 WILLSEMI-WNMD2162 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 4.8A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2176 WILLSEMI-WNMD2176 Datasheet
977Kb / 6P
Dual N-Channel, 20V, 2.6A, Power MOSFET
WNMD2181 WILLSEMI-WNMD2181 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
WNMD2186 WILLSEMI-WNMD2186 Datasheet
680Kb / 8P
Dual N-Channel, 20V, 12A, Power MOSFET
WNMD8205A WILLSEMI-WNMD8205A Datasheet
2Mb / 8P
Dual N-Channel, 20V, 5.7A, Power MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com