Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3134 Datasheet (PDF) - Renesas Technology Corp

HFA3134 Datasheet PDF - Renesas Technology Corp
Part # HFA3134
Download  HFA3134 Download
File Size   325.34 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra High Frequency Matched Pair Transistors

HFA3134 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3134 Datasheet PDF - Renesas Technology Corp

Part # HFA3134
Download  HFA3134 Click to download

File Size   325.34 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra High Frequency Matched Pair Transistors

HFA3134 Datasheet (HTML) - Renesas Technology Corp


HFA3134 Product details

The HFA3134 and HFA3135 are Ultra High Frequency Transistor pairs that are fabricated with Intersil Corporation’s complementary bipolar UHF-1X process. The NPN transistors exhibit an fT of 8.5GHz, while the PNP transistors have an fT of 7GHz. Both types exhibit low noise, making them ideal for high frequency amplifier and mixer applications.
   
Features
• NPN Transistor (fT) . . . . . . . . . . . . . . . . . . . . . . . . 8.5GHz
• NPN Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . 100
• NPN Noise Figure (50) at 1.0GHz. . . . . . . . . . . . . 2.6dB
• PNP Transistor (fT). . . . . . . . . . . . . . . . . . . . . . . . . . 7GHz
• PNP Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . . 57
• PNP Noise Figure (50) at 900MHz . . . . . . . . . . . . 4.6dB
• Small Package (EIAJ-SC74 Compliant). . . . . . . .SOT23-6
• Pb-Free Plus Anneal Available (RoHS Compliant)
   
Applications
• VHF/UHF Amplifiers
• VHF/UHF Mixers
• IF Converters
• Synchronous Detectors
   




Similar Part No. - HFA3134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3134 INTERSIL-HFA3134 Datasheet
52Kb / 5P
Ultra High Frequency Matched Pair Transistors
February 1998
HFA3134 INTERSIL-HFA3134 Datasheet
177Kb / 5P
Ultra High Frequency Matched Pair Transistors
August 12, 2005
HFA3134IH96 INTERSIL-HFA3134IH96 Datasheet
52Kb / 5P
Ultra High Frequency Matched Pair Transistors
February 1998
HFA3134IH96 INTERSIL-HFA3134IH96 Datasheet
177Kb / 5P
Ultra High Frequency Matched Pair Transistors
August 12, 2005
logo
List of Unclassifed Man...
HFA3134IH96 ETC2-HFA3134IH96 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - HFA3134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3134 INTERSIL-HFA3134 Datasheet
52Kb / 5P
Ultra High Frequency Matched Pair Transistors
February 1998
logo
List of Unclassifed Man...
H23B1 ETC-H23B1 Datasheet
96Kb / 2P
MATCHED EMITTER DETECTOR PAIR
logo
Intersil Corporation
HFA3134 INTERSIL-HFA3134_05 Datasheet
177Kb / 5P
Ultra High Frequency Matched Pair Transistors
August 12, 2005
logo
Solid States Devices, I...
SDR047-01 SSDI-SDR047-01 Datasheet
113Kb / 2P
Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
logo
Advanced Linear Devices
ALD212900 ALD-ALD212900 Datasheet
110Kb / 12P
DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
logo
Solid States Devices, I...
RC0041B SSDI-RC0041B_15 Datasheet
113Kb / 2P
Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
logo
JSC ALFA.
AS394CH ALFA-AS394CH Datasheet
362Kb / 4P
Matched NPN transistor pair
logo
FutureWafer Tech Co.,Lt...
2SC3838 FUTUREWAFER-2SC3838 Datasheet
1Mb / 9P
20V Matched Pair NPN Small Signal Transistors
27-NOV-2021 V 2.0
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
MMBT3906 FUTUREWAFER-MMBT3906 Datasheet
1Mb / 14P
40V Matched Pair PNP Small Signal Transistors
20-DEC-2021 V 2.1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com