Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6019B Datasheet (PDF) - Renesas Technology Corp

HIP6019B Datasheet PDF - Renesas Technology Corp
Part # HIP6019B
Download  HIP6019B Download
File Size   770.51 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Dual PWM and Dual Linear Power Control

HIP6019B Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6019B Datasheet PDF - Renesas Technology Corp

Part # HIP6019B
Download  HIP6019B Click to download

File Size   770.51 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Dual PWM and Dual Linear Power Control

HIP6019B Datasheet (HTML) - Renesas Technology Corp


HIP6019B Product details

The HIP6019B provides the power control and protection for four output voltages in high-performance microprocessor and computer applications. The IC integrates two PWM controllers, a linear regulator and a linear controller as well as the monitoring and protection functions into a single 28 lead SOIC package. One PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter, while the second PWM controller supplies the computer’s 3.3V power with a standard buck converter. The linear controller regulates power for the GTL bus and the linear regulator provides power for the clock driver circuits.

Features
• Provides 4 Regulated Voltages
    - Microprocessor Core, I/O, Clock Chip and GTL Bus
• Drives N-Channel MOSFETs
• Operates from +5V and +12V Inputs
• Simple Single-Loop Control Designs
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifiers
    - Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
    - Core PWM Output: ±1% Over Temperature
    - I/O PWM Output: ±2% Over Temperature
    - Other Outputs: ±2.5% Over Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Core Output Voltage Selection
    - Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
    - 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
    - 0.05V Steps . . . . . . . . . . . . . . . . . . 1.3VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted MOSFET
• Over-Voltage and Over-Current Fault Monitors
    - Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator; Programmable from 50kHz to 1MHz
• Pb-Free Available (RoHS Compliant)

Applications
• Full Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6019B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6019B INTERSIL-HIP6019B Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6019BCB INTERSIL-HIP6019BCB Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6019BCB INTERSIL-HIP6019BCB Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6019BCBZ INTERSIL-HIP6019BCBZ Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
More results


Similar Description - HIP6019B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com