Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN513X Datasheet (PDF) - Integrated Circuit Systems

MN513X Datasheet PDF - Integrated Circuit Systems
Part # MN513X
Download  MN513X Download
File Size   1340.63 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 8-bit A/D Converters

MN513X Datasheet (PDF)

Go To PDF Page Download Datasheet
MN513X Datasheet PDF - Integrated Circuit Systems

Part # MN513X
Download  MN513X Click to download

File Size   1340.63 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 8-bit A/D Converters

MN513X Datasheet (HTML) - Integrated Circuit Systems


MN513X Product details

description
The MN5120, MN5130, and MN5140 Series are a family of 8-bit, high-speed, successive approximation analog-to-digital converters in small, 18-pin, hermetically sealed dual-in-line packages. All devices incorporate our own thin-film resistor networks and are functionally laser trimmed as complete devices to meet all published specifications without external adjustments

Features
• 2.5μsec Maximum Conversion Time(MN5130, MN5140)
• Small 18-pin DIP
• ± 1/2 LSB Linearity and No Missing Codes
   Guaranteed Over Temperature
• Full Mil Operation -55°C to +125°C
• MIL-PRF-38534 Screening Optional




Similar Part No. - MN513X

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN5130 APITECH-MN5130 Datasheet
1Mb / 8P
8-bit A/D Converters
More results


Similar Description - MN513X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
8-Bit, Multiplying D/A Converters
August 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
8-Bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
High-speed 8-bit A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
High-accuracy 8-bit D/A Converters
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
8-Bit A/D Converters
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
8-Bit D/A Converters
January 1995
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com