Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411L Datasheet (PDF) - Vishay Siliconix

DG411L Datasheet PDF - Vishay Siliconix
Part # DG411L
Download  DG411L Download
File Size   76.2 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches

DG411L Datasheet (PDF)

Go To PDF Page Download Datasheet
DG411L Datasheet PDF - Vishay Siliconix

Part # DG411L
Download  DG411L Click to download

File Size   76.2 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches

DG411L Datasheet (HTML) - Vishay Siliconix


DG411L Product details

DESCRIPTION

The DG411L/412L/413L are low voltage pin-for-pin compatible companion devices to the industry standard DG411/412/413 with improved performance.

Using BiCMOS wafer fabrication technology allows theDG411L/412L/413L to operate on single and dual supplies. Single supply voltage ranges from 3 to 12 V while dual supply operation is recommended with ± 3 to ± 6 V.



FEATURES

• 2.7- thru 12 V Single Supply or ± 3- thru ± 6 Dual Supply

• On-Resistance - rDS(on): 17 Ω

• Fast Switching - tON: 19 ns

- tOFF: 12 ns

• TTL, CMOS Compatible

• Low Leakage: 0.25 nA

• 2000 V ESD Protection




Similar Part No. - DG411L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG411L VISHAY-DG411L Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG411L VISHAY-DG411L Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG411LDQ VISHAY-DG411LDQ Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG411LDQ VISHAY-DG411LDQ Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
More results


Similar Description - DG411L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
Precision Monolithic Quad SPST CMOS Analog Switches
27-May-13
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com