Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6410 Datasheet (PDF) - Renesas Technology Corp

ISL6410 Datasheet PDF - Renesas Technology Corp
Part # ISL6410
Download  ISL6410 Download
File Size   1145.2 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Synchronous Buck Regulators with Integrated FET

ISL6410 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6410 Datasheet PDF - Renesas Technology Corp

Part # ISL6410
Download  ISL6410 Click to download

File Size   1145.2 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Synchronous Buck Regulators with Integrated FET

ISL6410 Datasheet (HTML) - Renesas Technology Corp


ISL6410 Product details

The ISL6410, ISL6410A are synchronous current-mode PWM regulators designed to provide a total DC-DC solution for microcontrollers, microprocessors, CPLDs, FPGAs, core processors/BBP/MAC, and ASICs. The ISL6410 should be selected for applications using 3.3V ±10% as an input voltage and the ISL6410A in applications requiring 5.0V ±10%.

Features
• Fully Integrated Synchronous Buck Regulator
• PWM Fixed Output Voltage Options
    - 1.8V, 1.5V or 1.2V with ISL6410 (VIN = 3.3V)
    - 3.3V, 1.8V or 1.2V with ISL6410A (VIN = 5.0V)
• Continuous Output Current . . . . . . . . . . . . . . . . . . 600mA
• Ultra-Compact DC-DC Converter Design
• Stable with Small Ceramic Output Capacitors
• High Conversion Efficiency
• Extensive Circuit Protection and Monitoring features
    - Overvoltage, UVLO
    - Overcurrent
    - Thermal Shutdown
• Available in MSOP and QFN packages
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-Free Packaging Available

Applications
• CPUs, DSP, CPLDs, FPGAs
• ASICs
• DVD and DSL applications
• WLAN Cards
• Generic 5V to 3.3V Conversion




Similar Part No. - ISL6410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
ISL6410AIR INTERSIL-ISL6410AIR Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
ISL6410AIR-T INTERSIL-ISL6410AIR-T Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
ISL6410AIR-T5K INTERSIL-ISL6410AIR-T5K Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
ISL6410AIR-TK INTERSIL-ISL6410AIR-TK Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
More results


Similar Description - ISL6410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
logo
Rohm
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
Synchronous Buck Converter with Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
Synchronous Buck Converter with Integrated FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com