Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29015 Datasheet (PDF) - Renesas Technology Corp

ISL29015 Datasheet PDF - Renesas Technology Corp
Part # ISL29015
Download  ISL29015 Download
File Size   852.66 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Digital Ambient Light Sensor and Proximity Sensor

ISL29015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29015 Datasheet PDF - Renesas Technology Corp

Part # ISL29015
Download  ISL29015 Click to download

File Size   852.66 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Digital Ambient Light Sensor and Proximity Sensor

ISL29015 Datasheet (HTML) - Renesas Technology Corp


ISL29015 Product details

Integrated Digital Ambient Light Sensor and Proximity Sensor

The ISL29015 is an integrated ambient and infrared light to digital converter with a built-in IR LED driver and I2C/SMBus interface. This device provides not only ambient light sensing to allow robust backlight/display brightness control but also infrared sensing to allow proximity estimation.

Features
Proximity Sensing
• Ambient IR Cancellation During Proximity Sensing
    - Works Under Direct Sunlight
• IR LED Driver with Programmable Source Current
    - Adjustable Current Drive from 100mA to 12.5mA
• Programmable LED current Modulation Frequency
• Variable Conversion Resolution up to 16-bits

Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• Adjustable Sensitivity up to 65 Counts per lux
• Selectable Range (via I2C)
    - Range 1 = 0.015 lux to 1,000 lux
    - Range 2 = 0.06 lux to 4,000 lux
    - Range 3 = 0.24 lux to 16,000 lux
    - Range 4 = 0.96 lux to 64,000 lux
• Integrated 50/60Hz Noise Rejection
• Works Under Various Light Sources, Including Sunlight

Ideal Spectral Response for Light and Proximity Sensor
• Light Sensor Close to Human Eye Response
    - Excellent Light Sensor IR and UV Rejection
• Proximity sensor range from 850nm to 950nm
    - Can use either 850nm or 950nm LED solution

Ultra Low Power
• 90μA Max Operating Current
    - 1.0μA Max Shutdown Current
• Software Shutdown and Automatic Shutdown

Easy to Use
• I2C (SMBus Compatible) Output
• No Complex Algorithms Needed
• Temperature Compensated
• Small Form Factor
    - 2.0x2.1x0.7mm 6 Ld ODFN Package

Additional Features
• I2C and SMBus Compatible
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.3V Supply
• Pb-Free (RoHS compliant)

Applications
• Display and Keypad Dimming Adjustment and Proximity Sensing for:
    - Mobile Devices: Smart Phone, PDA, GPS
    - Computing Devices: Notebook PC, Webpad
    - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera
• Industrial and Medical Light and Proximity Sensing




Similar Part No. - ISL29015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
October 31, 2008
ISL29015IROZ-EVALZ INTERSIL-ISL29015IROZ-EVALZ Datasheet
596Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
October 31, 2008
ISL29015IROZ-T7 INTERSIL-ISL29015IROZ-T7 Datasheet
596Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
October 31, 2008
More results


Similar Description - ISL29015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
October 31, 2008
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
Integrated Ambient Light and Proximity Sensor
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
Digital Proximity and Analog Ambient Light Sensor
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
Digital Proximity, RGB and Ambient Light Sensor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com