Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29020 Datasheet (PDF) - Renesas Technology Corp

ISL29020 Datasheet PDF - Renesas Technology Corp
Part # ISL29020
Download  ISL29020 Download
File Size   750.43 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface

ISL29020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29020 Datasheet PDF - Renesas Technology Corp

Part # ISL29020
Download  ISL29020 Click to download

File Size   750.43 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface

ISL29020 Datasheet (HTML) - Renesas Technology Corp


ISL29020 Product details

A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface

The ISL29020 is a low power, high sensitivity, integrated light sensor with I2C (SMBus Compatible) interface. Its state-of-the-art photodiode array provides close-to human eye response and good IR rejection. This ADC is capable of rejecting 50Hz and 60Hz flicker caused by artificial light sources. The lux range select feature allows the user to program the lux range for optimized counts/lux.

Features
• Low Power
    - 65µA Max Operating Current
    - 0.5µA Max Shutdown Current
    - Software Shutdown and Automatic Shutdown
• Ideal Spectral Response
    - Close to Human Eye Response
    - Excellent IR and UV Rejection
• Easy to Use
    - Simple Output Code Directly Proportional to lux
    - I2C (SMBus Compatible) Output
    - No Complex Algorithms Needed
    - Variable Conversion Resolution up to 16-bits
    - Adjustable Sensitivity up to 65 Counts per lux
    - Works Under Various Light Sources, Including Sunlight
    - Selectable Range (via I2C)
    - Range 1 = 0.015 lux to 1,000 lux
    - Range 2 = 0.06 lux to 4,000 lux
    - Range 3 = 0.24 lux to 16,000 lux
    - Range 4 = 0.96 lux to 64,000 lux
    - Temperature Compensated
    - Integrated 50/60Hz Noise Rejection
• Small Form Factor
    - 2.0mmx2.1mmx0.7mm 6 Ld ODFN Package
• Additional Features
    - I2C and SMBus Compatible
    - 1.7V to 3.6V Supply for I2C Interface
    - 2.25V to 3.3V Supply
    - Address Selection Pin
• Pb-Free (RoHS compliant)

Applications
• Display and keypad dimming for:
    - Mobile devices: smart phone, PDA, GPS
    - Computing devices: notebook PC, webpad
    - Consumer devices: LCD-TV, digital picture frame, digital camera
• Industrial and medical light sensing




Similar Part No. - ISL29020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020 INTERSIL-ISL29020 Datasheet
445Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
487Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
487Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
More results


Similar Description - ISL29020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
February 13, 2008
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
445Kb / 11P
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
logo
Renesas Technology Corp
ISL76682 RENESAS-ISL76682 Datasheet
719Kb / 19P
Automotive Low Power, High Sensitivity, Light-to-Digital Sensor with I2C Interface
Oct 6, 2021
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
Low Power, High Sensitivity, I2C Ambient Light Sensor
19-Nov-2021
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
26-Nov-2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com