Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56782FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M56782FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M56782FP
Download  M56782FP Download
File Size   275.83 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 4 CHANNEL ACTUATOR DRIVER

M56782FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M56782FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M56782FP
Download  M56782FP Click to download

File Size   275.83 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 4 CHANNEL ACTUATOR DRIVER

M56782FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M56782FP Product details

DESCRIPTION
The M56782FP is a semiconductor integrated circuit in order to drive 4ch actuator.

FEATURES
● Large power dissipation
● 3.3V DSP available.
● Low saturation voltage.
   (Typical 1.35V at load current 0.5A and no bootstrap condition.)
● There are two motor power supplies.
   Vm1 CH1, 2 motor power supply-1
   Vm2 CH3, 4 motor power supply-2
● Flexible Input amp. setting. (It enables PWM control.)
● Low cross-over distortion.
● Wide supply voltage range. (4.5V – 13.2V)
● Built-in Thermal Shut Down circuit.
● Built-in Mute circuit.

APPLICATION
   MD, CD-audio, CD-ROM, VCD, DVD etc.




Similar Part No. - M56782FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56783 MITSUBISHI-M56783 Datasheet
430Kb / 13P
3 CHANNEL ACTUATOR DRIVER
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
3 CHANNEL ACTUATOR DRIVER
M56784 MITSUBISHI-M56784 Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
More results


Similar Description - M56782FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
4 CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
4-CHANNEL ACTUATOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
3 CHANNEL ACTUATOR DRIVER
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
5 CHANNEL ACTUATOR DRIVER
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
4 CHANNEL ACTUATOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
4-CHANNEL ACTUATOR MOTOR DRIVER
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
5 CHANNEL ACTUATOR DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com