Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5DS32M8AT-6 Datasheet (PDF) - List of Unclassifed Manufacturers

NT5DS32M8AT-6 Datasheet PDF - List of Unclassifed Manufacturers
Part # NT5DS32M8AT-6
Download  NT5DS32M8AT-6 Download
File Size   269.29 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 256Mb DDR333/300 SDRAM

NT5DS32M8AT-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5DS32M8AT-6 Datasheet PDF - List of Unclassifed Manufacturers

Part # NT5DS32M8AT-6
Download  NT5DS32M8AT-6 Click to download

File Size   269.29 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 256Mb DDR333/300 SDRAM

NT5DS32M8AT-6 Datasheet (HTML) - List of Unclassifed Manufacturers


NT5DS32M8AT-6 Product details

[Nanya]

Description
The 256Mb DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing 268,435,456 bits. It is internally configured as a quad-bank DRAM.

Features
• Double data rate architecture: two data transfers per clock cycle
• Bidirectional data strobe (DQS) is transmitted and received with data, to be used in capturing data at the receiver
• DQS is edge-aligned with data for reads and is centeraligned with data for writes
• Differential clock inputs (CK and CK)
• Four internal banks for concurrent operation
• Data mask (DM) for write data
• DLL aligns DQ and DQS transitions with CK transitions.
• Commands entered on each positive CK edge; data and data mask referenced to both edges of DQS
• Burst lengths: 2, 4, or 8
• CAS Latency: 2, 2.5
• Auto Precharge option for each burst access
• Auto Refresh and Self Refresh Modes
• 7.8ms Maximum Average Periodic Refresh Interval
• 2.5V (SSTL_2 compatible) I/O
• VDDQ = 2.5V ± 0.2V
• VDD = 2.5V ± 0.2V
• Package : 66pin TSOP-II / 60 balls 0.8mmx1.0mm pitch CSP.




Similar Part No. - NT5DS32M8AT-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5DS32M8AT-75B ETC2-NT5DS32M8AT-75B Datasheet
1Mb / 78P
256Mb Double Data Rate SDRAM
NT5DS32M8AT-7K ETC2-NT5DS32M8AT-7K Datasheet
1Mb / 78P
256Mb Double Data Rate SDRAM
NT5DS32M8AT-8B ETC2-NT5DS32M8AT-8B Datasheet
1Mb / 78P
256Mb Double Data Rate SDRAM
More results


Similar Description - NT5DS32M8AT-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
256Mb NAND and 256Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
256Mb SDRAM
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
256Mb DDR SDRAM
logo
Hynix Semiconductor
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
256Mb DDR SDRAM
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
256Mb DDR SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
256Mb DDR2 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com