Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z5V6 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MM3Z5V6 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # MM3Z5V6
Download  MM3Z5V6 Download
File Size   537.22 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Silicon Planar Zener Diodes

MM3Z5V6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z5V6 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MM3Z5V6
Download  MM3Z5V6 Click to download

File Size   537.22 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Silicon Planar Zener Diodes

MM3Z5V6 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


MM3Z5V6 Product details

FEATURES
• Total power dissipation: Max. 200mW.
• Wide zener reverse voltage range 2.0V to 75V.
• Small plastic package suitable for surface mounted design.
• Tolerance approximately±5%




Similar Part No. - MM3Z5V6

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z5V6 DIOTEC-MM3Z5V6 Datasheet
48Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MM3Z5V6 WEITRON-MM3Z5V6 Datasheet
214Kb / 5P
Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z5V6 SECOS-MM3Z5V6 Datasheet
198Kb / 3P
Surface Mount Zener Diode
logo
SEMTECH ELECTRONICS LTD...
MM3Z5V6 SEMTECH_ELEC-MM3Z5V6 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z5V6 HTSEMI-MM3Z5V6 Datasheet
632Kb / 4P
Silicon Planar Zener Diodes
More results


Similar Description - MM3Z5V6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com