Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7532 Datasheet (PDF) - Renesas Technology Corp

EL7532 Datasheet PDF - Renesas Technology Corp
Part # EL7532
Download  EL7532 Download
File Size   506.51 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 2A Step-Down Regulator

EL7532 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7532 Datasheet PDF - Renesas Technology Corp

Part # EL7532
Download  EL7532 Click to download

File Size   506.51 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 2A Step-Down Regulator

EL7532 Datasheet (HTML) - Renesas Technology Corp


EL7532 Product details

Monolithic 2A Step-Down Regulator

The EL7532 is a synchronous, integrated FET 2A step-down regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a single Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.

Features
• 2A continuous current (from -40°C to +85°C)
• Less than 0.18 in2 footprint for the complete 2A converter
• Max height 1.1mm MSOP10
• 1.5MHz (typ.) switching frequency
• 100ms Power-On-Reset output (POR)
• Internally-compensated voltage mode controller
• Up to 94% efficiency
• <1µA shut-down current
• Over-temperature protection
• Pb-free available (RoHS compliant)

Applications
• PDA and pocket PC computers
• Bar code readers
• ADSL modems
• Portable instruments
• Li-Ion battery powered devices
• ASIC/FPGA/DSP supplies
• Set top boxes




Similar Part No. - EL7532

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
Monolithic 2A Step-Down Regulator
EL7532IY INTERSIL-EL7532IY Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
EL7532IY INTERSIL-EL7532IY Datasheet
226Kb / 8P
Monolithic 2A Step-Down Regulator
EL7532IY-T13 INTERSIL-EL7532IY-T13 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
EL7532IY-T7 INTERSIL-EL7532IY-T7 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
More results


Similar Description - EL7532

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
Monolithic 2A Step-Down Regulator
logo
Linear Technology
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com