Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7616 Datasheet (PDF) - Diodes Incorporated

PT7616 Datasheet PDF - Diodes Incorporated
Part # PT7616
Download  PT7616 Download
File Size   140.45 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DIODE MODULE 75A/1200V/1600V

PT7616 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT7616 Datasheet PDF - Diodes Incorporated

Part # PT7616
Download  PT7616 Click to download

File Size   140.45 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DIODE MODULE 75A/1200V/1600V

PT7616 Datasheet (HTML) - Diodes Incorporated


PT7616 Product details

FEATURES
* Isolated Base
* 3 Phase Bridge Circuit
* High Surge Capability
* UL Recognized, File No. E187184

TYPICAL APPLICATIONS
* Rectified For General Use




Similar Part No. - PT7616

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT7616 NIEC-PT7616 Datasheet
712Kb / 2P
Diode
PT7616 NIEC-PT7616 Datasheet
712Kb / 2P
Diode
logo
National Instruments Co...
PT7616 NI-PT7616_15 Datasheet
712Kb / 2P
DIODE
More results


Similar Description - PT7616

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
THYRISTOR MODULE 75A / 1600V
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
DIODE MODULE 75A/1200V/1600V
PT150S12 NIEC-PT150S12 Datasheet
127Kb / 3P
DIODE MODULE 150A/1200V/1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
DIODE MODULE 50A/1200V/1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
eupec GmbH
6R1MBI100P-160 EUPEC-6R1MBI100P-160 Datasheet
137Kb / 4P
Diode Module with Brake (Diode:1600V / 100A, IGBT:1400A/75A)
logo
List of Unclassifed Man...
6R1MBI75P-160 ETC1-6R1MBI75P-160 Datasheet
136Kb / 4P
Diode Module with Brake Diode:1600V / 75A, IGBT:1400A/50A
logo
MacMic
MMK75U160UX MACMIC-MMK75U160UX Datasheet
646Kb / 5P
1600V 75A Three Phase DiodeThyristor Module
MMK75U160UX6J MACMIC-MMK75U160UX6J Datasheet
254Kb / 4P
1600V 75A Thyristor/Diode Module
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com