Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1DL Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

US1DL Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # US1DL
Download  US1DL Download
File Size   168.47 Kbytes
Page   3 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description SURFACE MOUNT ULTRA FAST RECTIFIER

US1DL Datasheet (PDF)

Go To PDF Page Download Datasheet
US1DL Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # US1DL
Download  US1DL Click to download

File Size   168.47 Kbytes
Page   3 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description SURFACE MOUNT ULTRA FAST RECTIFIER

US1DL Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


US1DL Product details

FEATURES
● For surface mounted applications
● Ultra fast switching for high efficiency
● Low reverse leakage
● Glass passivated chip junction
● Built-in strain relief, ideal for automated placement
● High forward surge current capability
● Plastic material used carries Underwriters
   Laboratory Classification 94V-0




Similar Part No. - US1DL

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US1DL DACHANG-US1DL Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
logo
Microdiode Semiconducto...
US1DL CHENDA-US1DL Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
US1DL DACHANG-US1DL Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier
logo
SUNMATE electronic Co.,...
US1DL SUNMATE-US1DL Datasheet
313Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shanghai Shunye Electro...
US1DL SHUNYE-US1DL Datasheet
301Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
V2.22
More results


Similar Description - US1DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com